Part Number Hot Search : 
HWL34YRA 73S8024 EC3AB11 MS108 630BH023 90TFIR10 3PR5K PMT8250
Product Description
Full Text Search
 

To Download AUIRLS4030TRR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet s d g gds gate drain source v dss 100v r ds(on) typ. 3.4m max. 4.3m i d 180a specifically designed for automotive applications, thishexfet ? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance persilicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating . these features combine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. description features  optimized for logic level drive  advanced process technology  ultra low on-resistance  logic level gate drive  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * absolute maximum ratings 

  
     
     
    functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. 
 

!! 

"
  
 ""       
# 
    
 
   
 
 $  %&'()* 
 #"  hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ d 2 pak auirls4030 to-262 auirlsl4030 g d s g d s parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy (thermally limited)  mj i ar avalanche current a e ar repetitive avalanche energy mj dv/dt peak diode recovery  v/ns t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds (1.6mm from case) thermal resistance parameter typ. max. units r jc junction-to-case  CCC 0.40 c/w r ja junction-to-ambient (pcb mount) , d 2 pak  CCC 40 max. 180130 730 c 21 -55 to + 175 16 305 see fig. 14, 15, 22a, 22b, 370300 2.5 

automotive grade form quantity tube 50 auirls4030 tape and reel left 800 auirls4030trl tape and reel right 800 AUIRLS4030TRR auirlsl4030 to-262 pak tube 50 auirlsl4030 base part number orderable part number package type auirls4030 d2-pak standard pack      
   
   + , -   ./*&/.0 downloaded from: http:///
     
   
   + , -   ./*&/.0 

 c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss  c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss .    
    
   when mounted on 1" square pcb (fr-4 or g-10 material). for recommended footprint and soldering techniquea refer to applocation note # an- 994 echniques refer to application note #an-994.   jc     
 s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 100 CCC CCC v v (br)dss / t j breakdown voltage temp. coefficient CCC 0.10 CCC v/c r ds(on) static drain-to-source on-resistance CCC 3.4 4.3 m CCC 3.6 4.5 v gs(th) gate threshold voltage 1.0 CCC 2.5 v gfs forward transconductance 320 CCC CCC s i dss drain-to-source leakage current CCC CCC 20 CCC CCC 250 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 r g(int) internal gate resistance CCC 2.1 CCC dynamic electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge CCC 87 130 q gs gate-to-source charge CCC 27 CCC q gd gate-to-drain ("miller") charge CCC 45 CCC q sync total gate charge sync. (q g - q gd ) CCC 42 CCC t d(on) turn-on delay time CCC 74 CCC t r rise time CCC 330 CCC t d(off) turn-off delay time CCC 110 CCC t f fall time CCC 170 CCC c iss input capacitance CCC 11360 CCC c oss output capacitance CCC 670 CCC c rss reverse transfer capacitance CCC 290 CCC c oss eff. (er) effective output capacitance (energy related) CCC 760 CCC c oss eff. (tr) effective output capacitance (time related) CCC 1140 CCC diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC 1.3 v t rr reverse recovery time CCC 50 CCC t j = 25c v r = 85v, CCC 60 CCC t j = 125c i f = 110a q rr reverse recovery charge CCC 88 CCC t j = 25c di/dt = 100a/ s  CCC 130 CCC t j = 125c i rrm reverse recovery current CCC 3.3 CCC a t j = 25c t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) v gs = 4.5v, i d = 92a  ns nc 180730 a na nc ns pf a CCC CCC CCC CCC i d = 110a r g = 2.7 v gs = 4.5v  v dd = 65v i d = 110a, v ds =0v, v gs = 4.5v t j = 25c, i s = 110a, v gs = 0v  integral reverse p-n junction diode. conditions v gs = 0v, i d = 250 a reference to 25c, i d = 5ma  v gs = 10v, i d = 110a  v ds = v gs , i d = 250 a v ds = 100v, v gs = 0v v ds = 100v, v gs = 0v, t j = 125c mosfet symbol showing the v ds = 50v conditions v gs = 4.5v  v gs = 0v v ds = 50v ? = 1.0mhz v gs = 0v, v ds = 0v to 80v  v gs = 0v, v ds = 0v to 80v  conditions v ds = 25v, i d = 110a i d = 110a v gs = 16v v gs = -16v   repetitive rating; pulse width limited by max. junction temperature.   limited by t jmax , starting t j = 25c, l = 0.05mh, r g = 25 , i as = 110a, v gs =10v. part not recommended for use above this value . i sd 110a, di/dt 1330a/ s, v dd v (br)dss , t j 175c.
pulse width 400 s; duty cycle 2%. downloaded from: http:///
     
   
   + , -   ./*&/.0 

fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 1 2 3 4 5 v gs , gate-to-source voltage (v) 1.0 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 50v 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 110a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 2 04 06 08 01 0 0 q g , total gate charge (nc) 0.0 1.0 2.0 3.0 4.0 5.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 80v v ds = 50v i d = 110a 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v 60 s pulse width tj = 25c 2.5v 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.5v 60 s pulse width tj = 175c vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v downloaded from: http:///
     
   
   + , -   ./*&/.0 

fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.0 0.5 1.0 1.5 2.0 2.5 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 25 50 75 100 125 150 175 t c , case temperature (c) 0 20 40 60 80 100 120 140 160 180 200 i d , d r a i n c u r r e n t ( a ) -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 90 95 100 105 110 115 120 125 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 5ma -20 0 20 40 60 80 100 120 v ds, drain-to-source voltage (v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 e n e r g y ( j ) 0 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 175c single pulse 100 sec 1msec 10msec dc 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 200 400 600 800 1000 1200 1400 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 17a 40a bottom 110a downloaded from: http:///
     
   
   + , -   ./*&/.0 

fig 13. maximum effective transient thermal impedance, junction-to-case fig 14. typical avalanche current vs.pulsewidth fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15:(for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far inexcess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 22a, 22b.4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15).t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 300 350 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 110a 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming tj = 150c and tstart =25c (single pulse) 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.0477 0.0000710.1631 0.000881 0.1893 0.007457 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci i / ri ci= i / ri downloaded from: http:///
     
   
   + , -   ./*&/.0 

 ! 
 )    1  fig 16. threshold voltage vs. temperature  ! 
 )    1  
! 
 )    1   ! 
 )    1  -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 0.0 0.5 1.0 1.5 2.0 2.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250 a i d = 1.0ma i d = 1.0a 0 200 400 600 800 1000 di f /dt (a/ s) 0 5 10 15 20 25 30 35 i r r m ( a ) i f = 110a v r = 85v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 0 5 10 15 20 25 30 35 40 i r r m ( a ) i f = 73a v r = 85v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 80 160 240 320 400 480 560 640 720 800 q r r ( n c ) i f = 73a v r = 85v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 80 160 240 320 400 480 560 640 720 800 880 q r r ( n c ) i f = 110a v r = 85v t j = 25c t j = 125c downloaded from: http:///
     
   
   + , -   ./*&/.0 

fig 23a. switching time test circuit fig 23b. switching time waveforms fig 22b. unclamped inductive waveforms fig 22a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 24a. gate charge test circuit fig 24b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 21. 2-+

  1 ) for n-channel hexfet   power mosfets  
      ? 
     ?     ?

         p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 3    
!"#!$# 3 + - + + + - - -
     ?        !  ?   " #$## ?        %  && ? #$##'$

    d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 90%10% v gs t d(on) t r t d(off) t f   ( ) 1 *  %   0.1 %       $%  & + -     downloaded from: http:///
     
   
   + , -   ./*&/.0 

   
 
    
      
 4
)
   25 64

  +)
 787 9989
-9- 8

*4 ,  
          
     downloaded from: http:///
  !   
   
   + , -   ./*&/.0 

to-262 part marking information to-262 package outline ( dimensions are shown in millimeters (inches)) 4
)
   25 64

  +)
 787 9989
-9- 8

*4 ,  
          
     downloaded from: http:///
     
   
   + , -   ./*&/.0 

    !"#$% & '  
 dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge.  
          
     downloaded from: http:///
     
   
   + , -   ./*&/.0 

? qualification standards can be found at international rectifiers web site: http//www.irf.com/ ?? exceptions (if any) to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage qualification information ? 3l-d2 pak 3l-to-262 rohs compliant yes esd machine model class m4(+/- 800v ) ??? (per aec-q101-002) human body model class h3a(+/- 6000v ) ??? (per aec-q101-001) charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. moisture sensitivity level msl1 downloaded from: http:///
     
   
   + , -   ./*&/.0 

 
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees , subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorneyfees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product.only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal a nd regulatory requirements in connection with such use.ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///
     
   
   + , -   ./*&/.0 

date comments ? added "logic level gate drive" bullet in the features section on page 1 ? updated data sheet with new ir corporate template ? updated package outline and part marking on page 8 & 9. ? updated qualification table -to262 pak from "n/a" to "msl1" on pag e 11. ? updated typo on the fig.19 and fig.20, unit of y-axis from "a" to "nc" on page 6. revision history 3/3/2014 4/9/2014 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRLS4030TRR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X